Part Number Hot Search : 
EC48117 150U60DM 7805C DG212B S29WS128 HER253 1N4556A MTN4156
Product Description
Full Text Search
 

To Download HSMA-C540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HSMx-C540 Oval Lens High Performance Surface Mount LEDs
Data Sheet
LED Part Numbers HSMA-C540, HSMC-C540, HSMM-C540, HSMN-C540, HSMU-C540, HSMZ-C540
Description These high performance HSMx-C540 surface mount LEDs are specifically designed for indoor full color signs and passenger information signs. The oval shaped radiation pattern (40 x 100) and high luminous intensity ensure that these devices are excellent for wide field of view indoor applications. These lamps have a very smooth matched radiation pattern that ensures consistent color mixing in full color applications, and message uniformity across the viewing angle of the sign. High efficiency LED dice are used in these LED components. InGaN (Indium Gallium Nitride) for green and blue and AlInGaP (Aluminium Indium Gallium Phosphide) for red and amber are capable of producing high light output. The HSMx-C540 has an industry standard 2.0 x 1.25 mm footprint that is excellent for all-around use. These solid state surface mount LEDs are designed with a reflector cup and oval shape dome which provides directional lighting. The reflector cup focuses the light more efficiently to provide higher intensity compared to a nonreflector cup equivalent part. The oval dome produces oval radiation pattern for wide field of view indoor applications. All packages are compatible with IR soldering process and are shipped in tape and reel with 3000 units per reel.
Features * Super wide viewing angle Major axis 100 Minor axis 40 * Smooth, consistent spatial radiation pattern * Small 2.0 x 1.25 mm footprint * High luminous output * Compatible with IR solder reflow * Colors available: 626/629 nm red, 590 nm amber, 525 nm green, 470 nm blue * Available in 8 mm tape on 7" (178 mm) diameter reels * Tinted, non-diffused epoxy Applications (Indoor) * Indoor full color sign * Commercial indoor advertising * Indoor variable message sign * Status indication * Front panel indicator Benefits * Viewing angle designed for wide field of view application * Red, green, blue radiation patterns matched for indoor full color signs * Small package footprint enables small pitch size for full color signs * Superior for indoor full color signs
CAUTION: HSMM-C540 and HSMN-C540 LEDs are Class 1 ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Agilent Technologies Application Note AN-1142 for additional details.
Device Selection Guide Part Number [1] HSMA-C540-F0001 HSMC-C540-F0001 HSMM-C540-D0001 HSMN-C540-A0001 HSMU-C540-H0001 HSMZ-C540-J0001 Color AS AlInGaP Amber AS AlInGaP Red InGaN Green InGaN Blue TS AlInGaP Amber TS AlInGaP Red Viewing Angle 100 / 40 100 / 40 100 / 40 100 / 40 100 /40 100 /40 Parts per Reel 3000 3000 3000 3000 3000 3000
Ordering Information HSMx-XXXX-X X X X X Packaging Option Color Bin Selection
Package Dimensions
2.00 (0.08)
1.25 (0.05) 0.63 (0.025)
Max. Iv Bin
Min. Iv Bin 4 x 4 Prod. Part Number
POLARITY
1.20 (0.048) 0.50 (0.02)
1.25 (0.05)
GREEN CATHODE MARKING
0.45 (0.018)
1.25 (0.05)
1.16 (0.046)
SOLDERING PAD NOTES: 1. ALL DIMENSIONS IN MILLIMETERS (INCHES). 2. TOLERANCE IS 0.1 mm ( 0.004 IN.) UNLESS OTHERWISE SPECIFIED.
2
Absolute Maximum Ratings at TA = 25C Parameter DC Forward Current [1] Peak Pulsing Current[2] Power Dissipation Reverse Voltage (IR = 10 A) Reverse Voltage (IR = 100 A) LED Junction Temperature Operating Temperature Range Storage Temperature Range Soldering Temperature
Notes: 1. Derate linearly as shown in Figure 4. 2. Pulse condition of 1/10 duty and 0.1 ms width.
AlInGaP 30 100 78 - 5 95 -40 to +85 -40 to +100
InGaN 25 100 105 5 - 95 -40 to +85 -40 to +100 See IR soldering profile (Figure 8)
Units mA mA mW V V C C C
Electrical Characteristics at TA = 25C Forward Voltage VF (Volts) @ IF = 20 mA Typ. Max. 2.0 2.0 3.8 3.8 2.2 2.2 2.6 2.6 4.2 4.2 2.6 2.6 Reverse Breakdown VR (Volts) @ IR = 100 A Min. 5 5 - - 5 5 Reverse Breakdown VR (Volts) @ IR = 10 A Min. - - 5 5 - - Capacitance C (pF), VF = 0, f = 1 MHz Typ. 17 17 50 50 30 30 Thermal Resistance RJ-PIN (C/W) Typ. 485 485 380 380 485 485
Part Number HSMA-C540 HSMC-C540 HSMM-C540 HSMN-C540 HSMU-C540 HSMZ-C540
Optical Characteristics at TA = 25C Luminous Intensity IV (mcd) @ 20 mA[1] Min. Typ. 160 210 230 55 270 350 96 57 26 209 Peak Wavelength peak (nm) Typ. 592 635 523 468 592 641 Color, Dominant Wavelength d[2] (nm) Typ. 590 626 525 470 590 629 Viewing Angle 2 1/2 Degrees [3] Typ. 100/40 100/40 100/40 100/40 100/40 100/40 Luminous Efficacy V (lm/w) Typ. 470 175 475 70 550 145
Part Number HSMA-C540 HSMC-C540 HSMM-C540 HSMN-C540 HSMU-C540 HSMZ-C540
Color As AlInGaP Red InGaN Green InGaN Blue TS AlInGaP Red
As AlInGaP Amber 96
TS AlInGaP Amber 157
Notes: 1. The luminous intensity, I V, is measured at the peak of the spatial radiation pattern, which may not be aligned with the mechanical axis of the lamp package. 2. The dominant wavelength, d, is derived from the CIE Chromatically Diagram and represents the perceived color of the device. 3. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
3
1.0 0.9
RELATIVE INTENSITY
GREEN BLUE AMBER RED
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 350
450
550 WAVELENGTH - nm
650
750
Figure 1. Relative intensity vs. wavelength.
45 40 FORWARD CURRENT - mA
30 25
FORWARD CURRENT
35 30 25 20 15 10 5 0 1 2 3 4 5 InGaN GREEN and BLUE
AS AlInGaP 20 15 10 5 TS AlInGaP 0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
FORWARD VOLTAGE - V
FORWARD VOLTAGE - V
Figure 2. Forward current vs. forward voltage.
IF MAX. - MAXIMUM FORWARD CURRENT - mA
1.6 RED 1.4
1.4 1.2
35 30 25 20 RJ-A = 600C/W 15 InGaN 10 5 0 0 10 20 30 40 50 60 70 80 90 100 TA - AMBIENT TEMPERATURE - C AlInGaP
LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 AMBER
LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
1.0 0.8 0.6 InGaN 0.4 0.2 0 0 5 10 15 20 25 30
IF - FORWARD CURRENT - mA
IF - FORWARD CURRENT - mA
Figure 3. Luminous intensity vs. forward current.
Figure 4. Maximum forward current vs. ambient temperature.
4
100 90
RELATIVE INTENSITY - %
80 70 60 50 40 30 20 10 0 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
ANGLE - DEGREES
Figure 5. Spatial radiation pattern.
100 90
RELATIVE INTENSITY - %
80 70 60 50 40 30 20 10 0 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
ANGLE - DEGREES
Figure 6. Spatial radiation pattern.
550
DOMINANT WAVELENGTH - nm
540 530 GREEN 520 510 500 490 480 470 460 0 20 40 BLUE 60 80 100 120
FORWARD CURRENT - mA
Figure 7. Color vs. forward current.
5
20 SEC. MAX.
TEMPERATURE
240C MAX. 3C/SEC. MAX. 100-150C 3C/SEC. MAX. 120 SEC. MAX. 60-150 SEC. TIME
183C -6C/SEC. MAX.
1.15 (0.045)
0.90 (0.035)
1.06 (0.042)
0.90 (0.035)
Figure 8. Recommended reflow soldering profile. (JEDEC J-STD-020-A)
Figure 9. Recommended soldering pad pattern.
USER FEED DIRECTION
PRINTED LABEL CATHODE SIDE
Figure 10. Reeling orientation.
180 O (7.08) 21.0 (0.83) 2.0 (0.08) 60.0 O (2.36) O 13.0 (0.51) LABEL
1.5 TYP. (0.06)
13.0 (0.51) 10.0 (0.39)
Figure 11. Reel dimensions.
Notes: 1. All dimensions in millimeters (inches). 2. Tolerance is 0.1 mm ( 0.004 in.) unless otherwise specified.
6
4.00 (0.157) 1.50 (0.059)
CATHODE
DIM. C (SEE TABLE 1) 0.20 0.05 (0.008 0.002)
1.75 (0.069)
3.50 0.05 (0.138 0.002) DIM. A (SEE TABLE 1) 8.00 0.30 (0.315 0.012)
DIM. B (SEE TABLE 1) 2.00 0.05 (0.079 0.002) 4.00 (0.157)
CARRIER TAPE USER FEED DIRECTION COVER TAPE
TABLE 1 DIMENSIONS IN MILLIMETERS (INCHES) PART NUMBER HSMx-C540 SERIES DIM. A DIM. B DIM. C 0.10 (0.004) 0.10 (0.004) 0.10 (0.004) 2.44 (0.096) 1.68 (0.066) 1.30 (0.051)
Figure 12. Tape dimensions.
END
START
THERE SHALL BE A MINIMUM OF 160 mm (6.3 INCHES) OF EMPTY COMPONENT POCKETS SEALED WITH COVER TAPE.
MOUNTED WITH COMPONENTS
THERE SHALL BE A MINIMUM OF 160 mm (6.3 INCHES) OF EMPTY COMPONENT POCKETS SEALED WITH COVER TAPE.
MINIMUM OF 230 mm (9.05 INCHES) MAY CONSIST OF CARRIER AND/OR COVER TAPE.
Figure 13. Tape leader and trailer dimensions.
Notes: 1. All dimensions in millimeters (inches). 2. Tolerance is 0.1 mm ( 0.004 in.) unless otherwise specified.
7
Intensity Bin Limits (mcd @ 20 mA) Bin ID A B C D E F G H J K L M N P Min. 30 40 50 65 85 110 140 180 240 310 400 520 680 880 Max. 40 50 65 85 110 140 180 240 310 400 520 680 880 1150
Color Bin Limits (nm @ 20 mA) Color Category Blue Bin ID 0 1 2 3 4 5 Green 0 3 4 5 6 Amber 0 1 2 4 6 Red Min. Max.
full dist. 460 464 468 472 476 520 525 530 535 584.5 587.0 589.5 592.0 464 468 472 476 480 525 530 535 540 587.0 589.5 592.0 594.5
Convective IR Reflow Soldering For more information on soldering and pick and place, refer to Application Note 1060, Surface Mounting SMT LED Indicator Components and Application Note 1217 Pick and Place and Soldering of the Agilent HSMx-C540, HSMx-C220 Surface Mount LEDs respectively. Storage Condition: 5 to 30 C @ 60% RH max. Baking is required under the condition: a) the blue silica gel indicator becoming white/transparent color b) the pack has been opened for more than 1 week Baking recommended condition: 60 +/- 5C for 20 hours.
full dist.
full dist.
Tolerance of each minimum and maximum = 15%
no color binning
Tolerance of each bin limit = 0.5 nm
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 271 2451 India, Australia, New Zealand: (+65) 271 2394 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 271 2194 Malaysia, Singapore: (+65) 271 2054 Taiwan: (+65) 271 2654 Data subject to change. Copyright (c) 2002 Agilent Technologies, Inc. Obsoletes 5988-5794EN June 14, 2002 5988-7125EN


▲Up To Search▲   

 
Price & Availability of HSMA-C540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X